Part Number Hot Search : 
UTC79L05 CAT4101 30150 193891 CY8C2 GP1L27 C1390 UMP11N11
Product Description
Full Text Search
 

To Download V162X-40-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v162x, v163x data sheet ta200897 issue 2 2 4 - s ep- 12 1 en0b - 0530ge51 r0806 (eb - v162/3x) v162x, v163x external threaded en d - connection linear valve pn16 product data application these two - port and three- port valves are used for control of hot or chilled water in heating, ventilation and air conditioning systems and can be operated by ele ctric linear actuators such as al0620 and al1820. features ? brass body with external threaded end connections ? low seat leakage rate ? self - adjusting packing ? accurate positioning to ensure state - of - the - art temperature control ? directly - coupled electric actuat ors for easy mounting ? constant total flow throughout full plug travel specifications action: v162x v163x stem down to close port a -b stem up to close port a -ab nominal pressure rating: pn16 flow characteristic: v162x v163x equal percen tage equal percentage: port a -ab linear: port b -ab rangeability: 50:1 leakage rate: 0.05% of k stroke: vs 20 mm valve body: pipe connections: external threading as per iso228 material: brass dimensions: see fig. 1 on page 4 seat: v162x: stainless steel v163x: dn15: stainless steel dn20...50: body integrated plug: brass stem: stainless steel packing: spring - loaded carbon fiber reinforced ptfe v - rings medium temper ature and pressure: water 2 to 120 c max. 1600 kpa 120 to 170 c max. 1490 kpa max. temperature differen - tial in alternating hot/cold water use: 60 k maximum glycol concentration 50%
v162x, v163x data sheet 2 v162x, v163x data sheet ta200897 issue 2 2 4 - s ep- 12 en0b - 0530ge51 r0806 (eb - v162 /3x) sizes and flow capac ities table 1 . siz e and flow capacity (in m 3 order number /h) valve size k vs m 3 v162x -15- 0.6 /h dn15 0.6 v162x -15- 1.0 dn15 1.0 v162x -15- 1.6 dn15 1.6 v162x -15- 2.5 dn15 2.5 v162x -15- 4.0 dn15 4.0 v162x -20- 6.3 dn20 6.3 v162x -25-10 dn25 10 v162x -32-16 dn32 16 v162x -40-25 dn40 25 v162x -50-40 dn50 40 v163x -15- 2.5 dn15 2.5 v163x -15- 4.0 dn15 4 v163x -20- 6.3 dn20 6.3 v163x -25-10 dn25 10 v163x -32-16 dn32 16 v163x -40-25 dn40 25 v163x -50-40 dn50 40 installation water should meet vdi2035 requirements. do not install valve with stem below the horizontal. fluid flow must correspond with the arrow direction on the valve body. the installation of a strainer is strongly recommended. the valve should be installed as stress - free as possible. close - off pressure ratings electric actuators table 2 . close - off pressure ratings (in kpa) of electric actuators actuator valve size type force dn15 dn20 dn25 dn32 dn40 dn50 al0620 600 n 1600 1600 1000 700 460 260 al1820 1800 n - - 1600 1600 1500 8 50
data sheet v162x, v163x v162x, v163x data sheet ta200897 issue 2 2 4 - s ep- 12 3 en0b - 0530ge51 r0806 (eb - v 162/3x) accessories v162x 2 - port valves require 2 internal thread connection sets, v163x 3- port valves require 3 internal thread connection sets. all valves are supplied with the requisite number of connection sets. spare connection sets are available a s below. connection pipe size dn order number connection set description internal thread g 1/2" g 3/4" g 1" g 1 - 1/4" g 1 - 1/2" g 2" 15 20 25 32 40 50 accv -tc -15 accv -tc -20 accv -tc -25 accv -tc -32 accv -tc -40 accv -tc -50 consisting of 1 union nut, 1 tailpi ece, and 1 gasket dimensions of connection sets order number a c g 1 - 1/8" g 1 - 1/4" g 1 - 1/2 g 2 g 2 - 1/4 g 2 - 3/4" g 1/2" g 3/4" g 1" g 1 - 1/4" g 1 - 1/2" g 2" accv -tc -15 accv -tc -20 accv -tc -25 accv -tc -32 accv -tc -40 accv -tc -50
v162x, v163x data sheet please send any comments about this or any other trend technical publication to techpubs@trendcontrols.com ? 2012 honeywell technologies srl, ecc divisi on. all rights reserved. manufactured for and on behalf of the environmental and combustion controls division of honeywell technologies srl, z.a. la pice, 16, 1180 rolle, switzerland by its authorized representative, trend control syste ms limited. trend control systems limited reserves the right to revise this publication from time to time and make changes to the content hereo f without obligation to notify any person of such revisions or changes. trend control systems limited albery house, springfield roa d, horsham, west sussex, rh12 2pq, uk. tel:+44 (0)1403 211888 fax:+44 (0)1403 241608 www.trendcontrols.com trend control system usa 6670 185th avenue ne, redmond, washington 98052, usa. tel:(425) 869 - 3900 fax:(425) 869 - 8445 www.trend - americas.com 4 v162x, v163x data sheet ta200897 issue 2 2 4 - s ep- 12 en0b - 0530ge51 r0806 (eb - v162/3x) dimensions b c y a v163x only fig. 1 . dimensions table 3 . dimensions (in mm) valve size a b c (v163x only) y v162x v163x dn15 80 40 55 89 107 dn20 90 40 55 dn25 110 40 55 dn32 120 40 55 dn40 130 40 60 dn5 0 150 40 65 for actuator dimensions, please refer to: al0620 -24- x, -230-x ........................................... ta200898 al0620 -p-x ......................................................... ta200900 al1820 -24- k, -230-k .......................................... ta200905 al1820 -p-k ........................................................ ta200901


▲Up To Search▲   

 
Price & Availability of V162X-40-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X